Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM-2220 Datasheet (PDF) - Bud Industries, Inc.

Part # CM-2220
Description  CABLE CLIP PACKAGE
File Size   68.17 Kbytes
Html View  1 
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

CM-2220 Datasheet (PDF) - Bud Industries, Inc.



Similar Part No. - CM-2220

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
CABLE MANAGEMENT BRACKET, STRAPS
CM-2201 BUD-CM-2201 Datasheet
54Kb / 1P
CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
CM-2202 BUD-CM-2202 Datasheet
54Kb / 1P
CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
More results


Similar Description - CM-2220

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5940 POMONA-5940 Datasheet
70Kb / 1P
Kelvin Clip Cable Assembly With Banana Plugs
logo
Harwin Plc
S8101-46R HARWIN-S8101-46R Datasheet
116Kb / 1P
SMT CABLE CLIP 01.0mm IN TAPE & REEL
logo
Tyco Electronics
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
CLIP
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
Kelvin Clip Cable Assembly With Banana Plugs
09-Jun-1999
logo
Advanced Power Technolo...
APT5010B2VRG ADPOW-APT5010B2VRG Datasheet
66Kb / 4P
New T-MAX??Package (Clip-mounted TO-247 Package)
logo
Molex Electronics Ltd.
1301160028 MOLEX11-1301160028 Datasheet
34Kb / 1P
Economy Box Track Flat Cable, Festoon Hanging Clip
logo
Harwin Plc
S8071-46R HARWIN-S8071-46R Datasheet
95Kb / 1P
VERTICAL SMT CABLE AND PIN CLIP
S8081-46R HARWIN-S8081-46R Datasheet
84Kb / 1P
HORIZONTAL SMT CABLE AND PIN CLIP
logo
List of Unclassifed Man...
10005 ETC-10005 Datasheet
197Kb / 1P
Mini Copper Alligator Clip Package
logo
Pepperl+Fuchs Inc.
VAZ-FK-CL1 PF-VAZ-FK-CL1 Datasheet
83Kb / 1P
Mounting clip for AS-Interface flat cable
2008-01-10
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com