Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FESP20J Datasheet (PDF) - Gulf Semiconductor

Part # FESP20J
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:20.0A
File Size   70.46 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FESP20J Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - FESP20J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESP05J GULFSEMI-FESP05J Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:5.0A
FESP05JA GULFSEMI-FESP05JA Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:5.0A
FESP05K GULFSEMI-FESP05K Datasheet
70Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 5.0A
FESP06G GULFSEMI-FESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
FESP08K GULFSEMI-FESP08K Datasheet
69Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 8.0A
More results


Similar Description - FESP20J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FCU20G GULFSEMI-FCU20G Datasheet
191Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:20.0A
FERA20D GULFSEMI-FERA20D Datasheet
88Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
FERP20D GULFSEMI-FERP20D Datasheet
87Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
FERP20J GULFSEMI-FERP20J Datasheet
87Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:20.0A
RERA20D GULFSEMI-RERA20D Datasheet
42Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UERA20D GULFSEMI-UERA20D Datasheet
118Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UERB20F GULFSEMI-UERB20F Datasheet
109Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 300V CURRENT:20.0A
UERP20D GULFSEMI-UERP20D Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UGRA20D GULFSEMI-UGRA20D Datasheet
96Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UGRB20D GULFSEMI-UGRB20D Datasheet
195Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 20.0A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com