Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK1K Datasheet (PDF) - Gulf Semiconductor

Part # FK1K
Description  SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
File Size   241.61 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FK1K Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - FK1K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FK1 LITTELFUSE-FK1 Datasheet
1Mb / 10P
Fuse links for rated voltage up to 32 V
logo
Fox Electronics
FK10.000 FOX-FK10.000 Datasheet
33Kb / 1P
TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
FK10000 FOX-FK10000 Datasheet
33Kb / 1P
TIGHT TOLERANCE THERMOPLASTIC ENCASED SMD CRYSTAL
logo
Power-One
FK1001-7R POWER-ONE-FK1001-7R Datasheet
173Kb / 4P
150 Watt DC-DC Converters
logo
Mitsubishi Electric Sem...
FK10KM-10 MITSUBISHI-FK10KM-10 Datasheet
54Kb / 5P
HIGH-SPEED SWITCHING USE
More results


Similar Description - FK1K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GS1J-E GULFSEMI-GS1J-E Datasheet
143Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.0A
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SBYG10DG GULFSEMI-SBYG10DG Datasheet
109Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
UFS1200 GULFSEMI-UFS1200 Datasheet
139Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com