Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0192040026 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0192040026
Description  InsulKrimp??3 Way Splice for 10-12 AWG Wire
File Size   82.45 Kbytes
Html View  1   2   3 
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192040026 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 0192040026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192040025 MOLEX4-0192040025 Datasheet
81Kb / 3P
InsulKrimp??4 Way Splice for 10-12 AWG Wire
0192040029 MOLEX4-0192040029 Datasheet
80Kb / 2P
Avikrimp??4 Way Splice for 10-12 AWG Wire
More results


Similar Description - 0192040026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192040025 MOLEX4-0192040025 Datasheet
81Kb / 3P
InsulKrimp??4 Way Splice for 10-12 AWG Wire
0192040030 MOLEX4-0192040030 Datasheet
81Kb / 2P
Avikrimp??3 Way Splice for 10-12 AWG Wire
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
InsulKrimp??Butt Splice for 2 AWG Wire
0192040003 MOLEX4-0192040003 Datasheet
80Kb / 2P
InsulKrimp??4 Way Splice for 18-22 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
InsulKrimp??Butt Splice for 10-12 AWG Wire
0192040029 MOLEX4-0192040029 Datasheet
80Kb / 2P
Avikrimp??4 Way Splice for 10-12 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
InsulKrimp??Butt Splice for 10-12 AWG Wire
0192060008 MOLEX4-0192060008 Datasheet
76Kb / 2P
InsulKrimp??Parallel Splice for 10-12 AWG Wire
0192040004 MOLEX4-0192040004 Datasheet
81Kb / 2P
InsulKrimp??3 Way Splice for 18-22 AWG Wire
0192040014 MOLEX4-0192040014 Datasheet
82Kb / 3P
InsulKrimp??3 Way Splice for 14-16 AWG Wire
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com