Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0192210458 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0192210458
Description  Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 3/8", Un-Plated,Wide Pad
File Size   178.89 Kbytes
Html View  1   2   3 
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192210458 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 0192210458

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210451 MOLEX4-0192210451 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal
0192210452 MOLEX4-0192210452 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 10, Plated
0192210452 MOLEX-0192210452 Datasheet
31Kb / 1P
Battery Cable Lugs
02/21/2017
0192210453 MOLEX4-0192210453 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 1/2", Un-Plated
0192210454 MOLEX4-0192210454 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 4 AWG Wire
More results


Similar Description - 0192210458

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192210437 MOLEX4-0192210437 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Un-Plated, Wide Pad
0192210409 MOLEX4-0192210409 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4", Un-plated
0192210410 MOLEX4-0192210410 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 3/8", Un-platedWide Pad
0192210481 MOLEX4-0192210481 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 3/8", Un-platedExtra Wide Pad
0192210404 MOLEX4-0192210404 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 4 AWG Wire, Stud Size 1/4", Un-Plated
0192210408 MOLEX4-0192210408 Datasheet
178Kb / 3P
Compression Style Ring tongue Terminal for 8 AWG Wire, Stud Size 10, Un-plated
0192210564 MOLEX4-0192210564 Datasheet
177Kb / 2P
Compression Style Ring Tongue Terminal for 2 AWG Wire, Stud Size 3/8", Un-Plated,Wide Pad
0192210229 MOLEX4-0192210229 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 6 AWG Wire, Stud Size 3/8", Plated,Wide Pad
0192210415 MOLEX4-0192210415 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/2", Un-PlatedExtra Wide Pad
0192210226 MOLEX4-0192210226 Datasheet
178Kb / 3P
Compression Style Ring Tongue Terminal for 8 AWG Wire, Stud Size 3/8", Plated,Wide Pad
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com