Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10633 Datasheet (PDF) - Hamamatsu Corporation

Part # C10633
Description  Good sensitivity in 900 nm to 1700 nm range 320 횞 256 pixels with EIA
File Size   217.39 Kbytes
Html View  1   2 
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10633 Datasheet (PDF) - Hamamatsu Corporation



Similar Part No. - C10633

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10633 LEDIL-C10633 Datasheet
2Mb / 4P
~20째 medium beam
More results


Similar Description - C10633

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MF443 ZARLINK-MF443 Datasheet
340Kb / 7P
1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
logo
Hamamatsu Corporation
S11510 HAMAMATSU-S11510_10 Datasheet
465Kb / 8P
Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)
logo
Sensortechnics GmbH
50162901 SENSORTECHNICS-50162901 Datasheet
486Kb / 8P
RGB light detection from 350 to 900 nm
logo
Unisonic Technologies
M54223L-D08-T UTC-M54223L-D08-T Datasheet
260Kb / 8P
With good input sensitivity current temperature characteristics
logo
Marktech Corporate
MTPD1500D-2.5 MARKTECH-MTPD1500D-2.5 Datasheet
1Mb / 2P
Wide bandwidth and high sensitivity from VUV up to the visible spectrum (150 nm - 550 nm)
MTPD3650D-1.4 MARKTECH-MTPD3650D-1.4 Datasheet
1Mb / 2P
Wide bandwidth and high spectral sensitivity in the UV range (245 nm - 400 nm)
logo
OSRAM GmbH
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
SFH-4881 OSRAM-SFH-4881 Datasheet
162Kb / 11P
Infrared Emitter (880 nm) in TO-46 Package
logo
PHOENIX CONTACT
TSD-25-SAC PHOENIX-TSD-25-SAC Datasheet
48Kb / 3P
TSD ... SAC torque screwdrivers with a range of preset torques from 0.2 Nm to 2.5 Nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com