Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCO-5S Datasheet (PDF) - QUARTZCOM the communications company

Part # MCO-5S
Description  SMD Clock Oscillator CMOS Sub miniature package: 3.2 x 2.5 x 1.2 mm
File Size   128.49 Kbytes
Html View  1 
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

MCO-5S Datasheet (PDF) - QUARTZCOM the communications company



Similar Part No. - MCO-5S

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-5S-P QUARTZCOM-MCO-5S-P Datasheet
121Kb / 1P
Small package 3.2 x 2.5 mm Programmable wide frequency range
MCO-5S18P QUARTZCOM-MCO-5S18P Datasheet
121Kb / 1P
Small package 3.2 x 2.5 mm Programmable wide frequency range
MCO-5S25P QUARTZCOM-MCO-5S25P Datasheet
121Kb / 1P
Small package 3.2 x 2.5 mm Programmable wide frequency range
MCO-5S3P QUARTZCOM-MCO-5S3P Datasheet
121Kb / 1P
Small package 3.2 x 2.5 mm Programmable wide frequency range
More results


Similar Description - MCO-5S

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-3S QUARTZCOM-MCO-3S Datasheet
126Kb / 1P
SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.3 mm
MCO-3S-HP QUARTZCOM-MCO-3S-HP Datasheet
118Kb / 1P
High precision SMD Clock Oscillator Miniature package: 5.0 x 3.2 x 1.2 mm
MCO-3S-L QUARTZCOM-MCO-3S-L Datasheet
124Kb / 1P
Low power SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.2 mm
logo
ILSI America LLC
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSM32 TRANSKO-TSM32 Datasheet
298Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 7: 02-24-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com