Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHF190104KXBF Datasheet (PDF) - Bourns Electronic Solutions

Part # CHF190104KXBF
Description  1 kW Stripline Termination
File Size   200.23 Kbytes
Html View  1   2 
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHF190104KXBF Datasheet (PDF) - Bourns Electronic Solutions



Similar Part No. - CHF190104KXBF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF190104KBF BOURNS-CHF190104KBF Datasheet
351Kb / 6P
Selecting the Right Resistor for Your Application
CHF190104KBF500L BOURNS-CHF190104KBF500L Datasheet
200Kb / 2P
1 kW Stripline Termination
CHF190104KEBF500L BOURNS-CHF190104KEBF500L Datasheet
200Kb / 2P
1 kW Stripline Termination
More results


Similar Description - CHF190104KXBF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBRP113ET NXP-PBRP113ET Datasheet
118Kb / 12P
PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 1 kW
Rev. 01-17 December 2007
PDTA113E NXP-PDTA113E Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
logo
Bourns Electronic Solut...
CHF190104KBF500L BOURNS-CHF190104KBF500L Datasheet
200Kb / 2P
1 kW Stripline Termination
CHF9838CBF BOURNS-CHF9838CBF_08 Datasheet
147Kb / 1P
250 W Stripline Termination and Resistor
logo
Rosenberger Hochfrequen...
32K724-600S5 ROSENBERGER-32K724-600S5 Datasheet
226Kb / 2P
PANEL JACK STRIPLINE
32K424-600S5 ROSENBERGER-32K424-600S5 Datasheet
225Kb / 2P
PANEL JACK STRIPLINE
32K441-600L5 ROSENBERGER-32K441-600L5 Datasheet
225Kb / 2P
PANEL JACK STRIPLINE
logo
Nexperia B.V. All right...
PBRN113E_SER NEXPERIA-PBRN113E_SER Datasheet
777Kb / 17P
NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 1 kW
Rev. 01 - 1 March 2007
PDTA113E_SER NEXPERIA-PDTA113E_SER Datasheet
235Kb / 19P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05 - 2 September 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com