Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-1920005 Datasheet (PDF) - Harwin Plc

Part # M22-1920005
Description  2mm PITCH JUMPER SOCKET ASSEMBLY (OPEN TOP)
File Size   87.32 Kbytes
Html View  1 
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M22-1920005 Datasheet (PDF) - Harwin Plc



Similar Part No. - M22-1920005

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-0340000 HARWIN-M22-0340000 Datasheet
65Kb / 1P
POLARISING KEY FOR 2mm SOCKET CONNECTORS
M22-2010205 HARWIN-M22-2010205 Datasheet
61Kb / 1P
2.0mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
M22-2020205 HARWIN-M22-2020205 Datasheet
56Kb / 1P
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-2020246 HARWIN-M22-2020246 Datasheet
56Kb / 1P
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
M22-2021205 HARWIN-M22-2021205 Datasheet
63Kb / 1P
PC104 PLUS CONNECTOR (STACKTHROUGH)
More results


Similar Description - M22-1920005

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
2mm X 2mm Wiremount Socket
04-Aug-1999
logo
Kingbright Corporation
WP13YD KINGBRIGHT-WP13YD Datasheet
74Kb / 3P
2mm FLAT TOP LED LAMP
WP1034HDT KINGBRIGHT-WP1034HDT Datasheet
109Kb / 4P
2mm FLAT TOP LED LAMP
logo
Harwin Plc
M80-8870401 HARWIN-M80-8870401 Datasheet
120Kb / 1P
DATAMATE 2mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
M80-8890401 HARWIN-M80-8890401 Datasheet
93Kb / 1P
DATAMATE 2mm PITCH CRIMP DIL SOCKET ASSEMBLY LARGE BORE (22 AWG)
M80-8970201 HARWIN-M80-8970201 Datasheet
110Kb / 1P
DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY
M80-8990201 HARWIN-M80-8990201 Datasheet
89Kb / 1P
DATAMATE 2mm PITCH CRIMP SIL SOCKET ASSEMBLY LARGE BORE (22 AWG)
logo
Kingbright Corporation
L-13YD KINGBRIGHT-L-13YD Datasheet
233Kb / 4P
2mm FALT TOP LED LAMPS
logo
Harwin Plc
M22-6360442 HARWIN-M22-6360442 Datasheet
71Kb / 1P
2mm PITCH DIL SMT VERTICAL LOW PROFILE SOCKET ASSEMBLY
M22-6360242 HARWIN-M22-6360242 Datasheet
75Kb / 1P
2mm PITCH DIL SMT VERTICAL LOW PROFILE SOCKET ASSEMBLY
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com