Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATCC0008 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MAATCC0008
Description  Digital Attenuator
File Size   214.37 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0008 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0008 MA-COM-MAATCC0008 Datasheet
214Kb / 5P
Digital Attenuator
MAATCC0008 MA-COM-MAATCC0008 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Tyco Electronics
MAATCC0008-TB MACOM-MAATCC0008-TB Datasheet
246Kb / 4P
Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Similar Description - MAATCC0008

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT65-0413_V9 MA-COM-AT65-0413_V9 Datasheet
209Kb / 5P
Digital Attenuator
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com