Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGK320N60A3 Datasheet (PDF) - IXYS Corporation

Part # IXGK320N60A3
Description  GenX3TM 600V IGBTs
File Size   207.38 Kbytes
Html View  1   2   3   4   5 
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGK320N60A3 Datasheet (PDF) - IXYS Corporation



Similar Part No. - IXGK320N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results


Similar Description - IXGK320N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH48N60B3C1 IXYS-IXGH48N60B3C1 Datasheet
193Kb / 6P
GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
GenX3 600V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
GenX3 600V IGBTs
IXXK100N60C3H1 IXYS-IXXK100N60C3H1 Datasheet
248Kb / 7P
XPTTM 600V GenX3TM w/ Diode
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
214Kb / 6P
1200V XPTTM IGBTs GenX3TM
IXGP36N60A3 IXYS-IXGP36N60A3_09 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
XPTTM 600V IGBT GenX3TM w/ Diode
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
XPTTM 600V IGBTs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com