Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK681-050 Datasheet (PDF) - Sanyo Semicon Device

Part # STK681-050
Description  Bidirectional DC Brush-Type Motor Driver (Io=5A)
File Size   99.72 Kbytes
Html View  1   2   3   4   5 
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK681-050 Datasheet (PDF) - Sanyo Semicon Device



Similar Part No. - STK681-050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK681-300 SANYO-STK681-300 Datasheet
100Kb / 10P
Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
STK681-310 SANYO-STK681-310 Datasheet
101Kb / 10P
Forward/Reverse Motor Driver
logo
ON Semiconductor
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
Forward/Reverse Motor Driver
May, 2013
STK681-310N-E ONSEMI-STK681-310N-E Datasheet
505Kb / 14P
Forward / Reverse DC Motor Driver Intelligent Power Module
December 2016 - Rev. 0
More results


Similar Description - STK681-050

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2624A NJRC-NJM2624A Datasheet
134Kb / 8P
BRUSH LESS DC MOTOR PRE-DRIVER
logo
Sanyo Semicon Device
STK6855 SANYO-STK6855 Datasheet
188Kb / 7P
Reversible Brush-Type DC Motor Driver (output current 5A)
STK6875 SANYO-STK6875 Datasheet
189Kb / 7P
Bidirectional DC Brush-Type Motor Driver (Io max = 5A)?
STK6877 SANYO-STK6877 Datasheet
205Kb / 7P
Reversible Brush-Type DC Motor Driver (output current: 8A)?
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
Low voltage brush DC motor driver
November 2016 Rev 2
logo
Rohm
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
36V 2ch DC Brush Motor Driver
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
Brush type DC motor driver
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
Brush type DC motor driver
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com