Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C3V0-C47 Datasheet (PDF) - Guilin Strong Micro-Electronics Co., Ltd.

Part # BZX84C3V0-C47
Description  SOT-23 SURFACE MOUNT ZENER DIODE
File Size   247.56 Kbytes
Html View  1   2   3 
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

BZX84C3V0-C47 Datasheet (PDF) - Guilin Strong Micro-Electronics Co., Ltd.



Similar Part No. - BZX84C3V0-C47

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C3V0- VISHAY-BZX84C3V0- Datasheet
144Kb / 8P
Small Signal Zener Diodes
08-Dec-11
logo
Diodes Incorporated
BZX84C3V0-7-F DIODES-BZX84C3V0-7-F Datasheet
447Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
logo
Vishay Siliconix
BZX84C3V0-G VISHAY-BZX84C3V0-G Datasheet
125Kb / 8P
Silicon planar Zener diodes
28-Feb-13
logo
Micro Commercial Compon...
BZX84C3V0-TP MCC-BZX84C3V0-TP Datasheet
312Kb / 6P
Silicon 350 mWatt Zener Diodes
logo
Vishay Siliconix
BZX84C3V0-V VISHAY-BZX84C3V0-V Datasheet
452Kb / 10P
Small Signal Zener Diodes
14-Jul-05
More results


Similar Description - BZX84C3V0-C47

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBZ5221B RECTRON-CMBZ5221B Datasheet
21Kb / 2P
5% SOT-23 SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
logo
Rectron Semiconductor
BAS70 RECTRON-BAS70 Datasheet
154Kb / 3P
SOT-23 SURFACE MOUNT SCHOTTKY DIODE
CZMK4V7 RECTRON-CZMK4V7 Datasheet
33Kb / 1P
SOT-23 DUAL ZENER DIODE (Common Cathode)
logo
Guilin Strong Micro-Ele...
BZX84C GSME-BZX84C Datasheet
247Kb / 3P
SOT-23 SURFACE MOUNT ZENER DIODE
logo
ON Semiconductor
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com