| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
AD420
|
144Kb / 11P |
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F |
|
AD5755
|
1Mb / 34P |
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG |
|
AD5755-1
|
939Kb / 34P |
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD |
|
AD5757
|
909Kb / 31P |
Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD |
|
AD5421
|
757Kb / 32P |
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0 |
|
AD5755-1
|
1Mb / 48P |
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A |
|
AD5757
|
1Mb / 44P |
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A |
|
AD5735
|
1Mb / 48P |
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B |
|
AD5737
|
1Mb / 44P |
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B |
|
AD5421
|
726Kb / 36P |
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F |