Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVTFS5116PL Datasheet (PDF) - ON Semiconductor

Part # NVTFS5116PL
Description  Power MOSFET ??0 V, ??4 A, 52 m, Single P?묬hannel
File Size   122.67 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS5116PL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVTFS5116PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5116PL ONSEMI-NVTFS5116PL Datasheet
84Kb / 6P
Power MOSFET
June, 2014 ??Rev. 3
NVTFS5116PLT ONSEMI-NVTFS5116PLT Datasheet
284Kb / 22P
1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
July, 2024 - Rev. 1
NVTFS5116PLTAG ONSEMI-NVTFS5116PLTAG Datasheet
84Kb / 6P
Power MOSFET
June, 2014 ??Rev. 3
NVTFS5116PLTWG ONSEMI-NVTFS5116PLTWG Datasheet
84Kb / 6P
Power MOSFET
June, 2014 ??Rev. 3
NVTFS5116PLWFTAG ONSEMI-NVTFS5116PLWFTAG Datasheet
84Kb / 6P
Power MOSFET
June, 2014 ??Rev. 3
More results


Similar Description - NVTFS5116PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
NVD5117PL ONSEMI-NVD5117PL Datasheet
146Kb / 6P
??0 V, 16 m, ??1 A, Single P?묬hannel
September, 2011 ??Rev. 0
NVTFS5124PL ONSEMI-NVTFS5124PL Datasheet
127Kb / 6P
Power MOSFET ??0 V, ?? A, 260 m, Single P?묬hannel
May, 2013 ??Rev. 2
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTMFS5113PL ONSEMI-NTMFS5113PL Datasheet
187Kb / 7P
Power MOSFET ??0 V, 14 m, ??4 A, Single P?묬hannel
October, 2018-Rev. 0
NTMYS7D3N04CL ONSEMI-NTMYS7D3N04CL Datasheet
322Kb / 7P
Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com