Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMS5838NL Datasheet (PDF) - ON Semiconductor

Part # NTMS5838NL
Description  Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
File Size   115.24 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS5838NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMS5838NL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTMS5838NLR2G VBSEMI-NTMS5838NLR2G Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
More results


Similar Description - NTMS5838NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
BC489 ONSEMI-BC489_07 Datasheet
86Kb / 6P
High Current Transistors NPN Silicon These are Pb?묯ree Devices
March, 2007 ??Rev. 3
logo
Fairchild Semiconductor
FDMS7580 FAIRCHILD-FDMS7580 Datasheet
367Kb / 7P
N-Channel Power Trench MOSFET 25 V, 7.5 m廓
logo
Infineon Technologies A...
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
Pb-free and halogen-free package
Revision 1.2, 2014-05-14
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
Pb-free and halogen free package
Revision 1.4, 2014-05-14
logo
ON Semiconductor
NVTYS025P04M8L ONSEMI-NVTYS025P04M8L Datasheet
267Kb / 6P
MOSFET - Power, Single P-Channel -40 V, 25 m, -32 A
November, 2021-Rev. 0
NVLJWD023N04CL ONSEMI-NVLJWD023N04CL Datasheet
140Kb / 7P
MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
These are Pb−Free Devices
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
These are Pb−Free Devices
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com