| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
TDA5100A
|
936Kb / 29P |
ASK Transmitter 434 MHz
Version 1.0 March 2001 |
|
TDK5100F
|
503Kb / 35P |
434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003 |
|
TDK5101F
|
498Kb / 34P |
315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003 |
|
TDA7100
|
1Mb / 41P |
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007 |
|
TDK5101F
|
1Mb / 40P |
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007 |
|
TDK5110F
|
756Kb / 36P |
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006 |
|
TDK5111F
|
893Kb / 36P |
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007 |
|
TDK5116F
|
752Kb / 36P |
868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006 |
|
TDA7110F
|
734Kb / 36P |
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009 |
|
TDA7116F
|
731Kb / 36P |
868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009 |