Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD4M440L Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PD4M440L
Description  30A 450~500V
File Size   119.79 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD4M440L Datasheet (PDF) - Nihon Inter Electronics Corporation



Similar Part No. - PD4M440L_1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PD4M440L NI-PD4M440L_15 Datasheet
119Kb / 3P
30A 450節?00V
More results


Similar Description - PD4M440L_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
MOSFET MODULE Dual 30A 450/500V
logo
IXYS Corporation
IXTH12N45 IXYS-IXTH12N45 Datasheet
65Kb / 1P
12 AMPS, 450-500V, 0.4OM/0.5OM
logo
Nihon Inter Electronics...
PD4M440L NIEC-PD4M440L Datasheet
130Kb / 4P
MOSFET MODULE Dual 30A 450V/500V
PD4M440H NIEC-PD4M440H_1 Datasheet
117Kb / 3P
MOSFET 30A 450~500V
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
50A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
50A 450~500V
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
85A 450~500V
PD10M440L NIEC-PD10M440L_1 Datasheet
117Kb / 3P
70A 450~500V
logo
National Instruments Co...
PD4M440H NI-PD4M440H_15 Datasheet
117Kb / 3P
30A 450節?00V
PD4M440L NI-PD4M440L_15 Datasheet
119Kb / 3P
30A 450節?00V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com