Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

415LP3E Datasheet (PDF) - Hittite Microwave Corporation

Part # 415LP3E
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
File Size   278.37 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

415LP3E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 415LP3E

ManufacturerPart #DatasheetDescription
logo
3M Electronics
415 3M-415 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Adafruit Industries
415 ADAFRUIT-415 Datasheet
90Kb / 2P
Aqua Electroluminescent (EL) Tape Strip - 100cm w/two connectors
logo
Keystone Electronics Co...
415 KEYSTONE-415 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Walther-Werke
415 WALTHER-415 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
AG Electronica
415-0044 AGELECTRONICA-415-0044 Datasheet
228Kb / 2P
Conector Header 13x2 hembra vertical 2mm
13/12/2019
More results


Similar Description - 415LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Fairchild Semiconductor
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC408LP3 HITTITE-HMC408LP3_09 Datasheet
246Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com