Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

622LP4E Datasheet (PDF) - Hittite Microwave Corporation

Part # 622LP4E
Description  GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
File Size   327.48 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

622LP4E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 622LP4E

ManufacturerPart #DatasheetDescription
logo
ebm-papst
622L EBMPAPST-622L Datasheet
1Mb / 4P
DC axial compact fan
622L EBMPAPST-622L Datasheet
1Mb / 4P
DC axial compact fan
622L EBMPAPST-622L_16 Datasheet
1Mb / 4P
DC axial compact fan
More results


Similar Description - 622LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC665LP4 HITTITE-HMC665LP4 Datasheet
664Kb / 10P
GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com