Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

623LP4E Datasheet (PDF) - Hittite Microwave Corporation

Part # 623LP4E
Description  RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
File Size   713.01 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

623LP4E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 623LP4E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
623 MARL-623 Datasheet
326Kb / 4P
Minimum line quantity 20 Panel sealing meets and exceeds IP67 rating
logo
Oscilent Corporation
623 OSCILENT-623 Datasheet
146Kb / 2P
Low Profile
logo
Adafruit Industries
623 ADAFRUIT-623 Datasheet
108Kb / 2P
Electroluminescent (EL) Panel - 10cm x 10cm Aqua
7/27/2015
logo
Wilmar LLC
623 PERFORMANCETOOLS-623 Datasheet
1Mb / 8P
Suggested New Additions
6/13/2019
logo
EDAC, All Rights Reserv...
623-009-261-031 EDAC-623-009-261-031 Datasheet
373Kb / 2P
623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
More results


Similar Description - 623LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
1.9 - 2.7 GHz Dual-Branch Downconverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC334LP4 HITTITE-HMC334LP4_10 Datasheet
315Kb / 8P
SiGe WIDEBAND DOWNCONVERTER, 0.6 - 2.7 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC621LP4 HITTITE-HMC621LP4 Datasheet
703Kb / 8P
RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com