Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70TPS12 Datasheet (PDF) - Vishay Siliconix

Part # 70TPS12
Description  Phase Control SCR, 70 A
File Size   134.46 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70TPS12 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 70TPS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
logo
Vishay Siliconix
70TPS12 VISHAY-70TPS12 Datasheet
112Kb / 7P
Phase Control SCR, 70 A
02-Jun-08
70TPS12 VISHAY-70TPS12 Datasheet
97Kb / 7P
Phase Control SCR, 70 A
02-Jun-08
logo
Inchange Semiconductor ...
70TPS12 ISC-70TPS12 Datasheet
225Kb / 1P
isc Thyristors
logo
Vishay Siliconix
70TPS12PBF VISHAY-70TPS12PBF Datasheet
116Kb / 7P
Phase Control SCR, 70 A
06-Jun-08
More results


Similar Description - 70TPS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
Phase Control SCR, 10 A
19-Jun-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
Phase Control SCR, 10 A
26-May-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
Phase Control SCR, 8 A
06-Jun-08
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
Phase Control SCR, 25 A
11-Aug-08
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
Phase Control SCR, 35 A
06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
Phase Control SCR, 35 A
12-Sep-08
70TPS12 VISHAY-70TPS12 Datasheet
112Kb / 7P
Phase Control SCR, 70 A
02-Jun-08
70TPS12PBF VISHAY-70TPS12PBF Datasheet
116Kb / 7P
Phase Control SCR, 70 A
06-Jun-08
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
Phase Control SCR, 70 A
02-Jun-08
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_V01 Datasheet
166Kb / 8P
Thyristor High Voltage, Phase Control SCR, 70 A
05-Jun-2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com