Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB190SA10 Datasheet (PDF) - Vishay Siliconix

Part # FB190SA10
Description  Power MOSFET, 190 A
File Size   185.12 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FB190SA10 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - FB190SA10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FB190SA10 ISC-FB190SA10 Datasheet
563Kb / 3P
N-Channel MOSFET
More results


Similar Description - FB190SA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FB190SA10 VISHAY-VS-FB190SA10 Datasheet
280Kb / 9P
Power MOSFET, 190 A
12-Apr-11
SIA850DJ VISHAY-SIA850DJ Datasheet
116Kb / 9P
N-Channel 190-V (D-S) MOSFET with 190-V Diode
02-Feb-09
logo
ON Semiconductor
NTHL190N65S3HF ONSEMI-NTHL190N65S3HF Datasheet
519Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 1
NTMT190N65S3H ONSEMI-NTMT190N65S3H Datasheet
417Kb / 10P
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
March, 2021-Rev. 2
NTPF190N65S3H ONSEMI-NTPF190N65S3H Datasheet
216Kb / 10P
MOSFET - Power, N?륝hannel, SUPERFET III, FAST 650 V, 190 m, 16 A
December, 2020-Rev. 0
NTPF190N65S3HF ONSEMI-NTPF190N65S3HF Datasheet
390Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 20 A, 190 m
September, 2019-Rev. 2
NVB190N65S3F ONSEMI-NVB190N65S3F Datasheet
259Kb / 9P
MOSFET - Power 650 V, 190 m, 20 A, Single N-Channel, D2PAK
June, 2019 ??Rev. 0
NVMYS1D7N04C ONSEMI-NVMYS1D7N04C Datasheet
260Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.7 m, 190 A
October, 2020 ??Rev. 0
NVBG190N65S3F ONSEMI-NVBG190N65S3F Datasheet
236Kb / 10P
MOSFET - Power, Single N-Channel, D2PAK-7L 650 V, 190 m, 20 A
May, 2022 - Rev. 0
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com