Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC40SA50FKP Datasheet (PDF) - Vishay Siliconix

Part # FC40SA50FKP
Description  Power MOSFET, 40 A
File Size   194.83 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FKP Datasheet (PDF) - Vishay Siliconix



Similar Part No. - FC40SA50FKP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FC40SA50FK IRF-FC40SA50FK Datasheet
122Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - FC40SA50FKP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C410NL ONSEMI-NTMFS5C410NL Datasheet
81Kb / 6P
Power MOSFET 40 V, 302 A, Single N?묬hannel
July, 2014 ??Rev. 1
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
Power MOSFET, 40 A
13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
Power MOSFET, 40 A
01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com