Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA16-600C Datasheet (PDF) - Tiger Electronic Co.,Ltd

Part # BTA16-600C
Description  16A TRIACS
File Size   99.24 Kbytes
Html View  1 
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTA16-600C Datasheet (PDF) - Tiger Electronic Co.,Ltd



Similar Part No. - BTA16-600C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTA16-600C KERSEMI-BTA16-600C Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
DONGGUAN YOU FENG WEI E...
BTA16-600C YFWDIODE-BTA16-600C Datasheet
640Kb / 4P
16A Four-quadrant triac
logo
STMicroelectronics
BTA16-600C STMICROELECTRONICS-BTA16-600C Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600C HAOPIN-BTA16-600C Datasheet
418Kb / 5P
Blocking voltage to 600 V
logo
Shenzhen Luguang Electr...
BTA16-600C LUGUANG-BTA16-600C Datasheet
1Mb / 6P
16A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
More results


Similar Description - BTA16-600C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
JIEJIE MICROELECTRONICS...
JST16 JIEJIE-JST16 Datasheet
605Kb / 5P
16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
16A TRIACS
logo
Unisonic Technologies
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
16A TRIACS
BTA16 UTC-BTA16 Datasheet
164Kb / 3P
16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
16A TRIACS
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
16A TRIACS
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
16A TRIACs
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
16A Triacs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com