| Manufacturer | Part # | Datasheet | Description |
 Anachip Corp |
AP130
|
161Kb / 9P |
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004 |
 Diodes Incorporated |
AP130
|
161Kb / 8P |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2 |
|
AP130
|
121Kb / 11P |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2 |
|
AP130
|
121Kb / 11P |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8 |
|
AP130-15WL-7
|
121Kb / 11P |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8 |
|
AP130-33WL-7
|
121Kb / 11P |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8 |
|
AP130-25SAG-7
|
121Kb / 11P |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Rev 8 |
 AiT Semiconductor Inc. |
A1116
|
291Kb / 9P |
BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1 |
|
A6201A
|
377Kb / 9P |
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0 |
|
A6501
|
664Kb / 10P |
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2 |