Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC285 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC285
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
File Size   189.06 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC285 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC285_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results


Similar Description - HMC285_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC340LP5 HITTITE-HMC340LP5 Datasheet
274Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC340LP5 HITTITE-HMC340LP5_05 Datasheet
374Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC304MS8 HITTITE-HMC304MS8_08 Datasheet
181Kb / 6P
GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC340LP5 HITTITE-HMC340LP5_10 Datasheet
258Kb / 8P
GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER, 1.7 - 4.5 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com