Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2253 Datasheet (PDF) - Micrel Semiconductor

Part # MIC2253
Description  3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
File Size   499.56 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2253 Datasheet (PDF) - Micrel Semiconductor



Similar Part No. - MIC2253

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2253 MICREL-MIC2253 Datasheet
502Kb / 13P
3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
MIC2253-06YML MICREL-MIC2253-06YML Datasheet
502Kb / 13P
3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
More results


Similar Description - MIC2253

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
MIC2298 MICREL-MIC2298 Datasheet
427Kb / 13P
3.5A Minimum, 1MHz Boost High Brightness White LED Driver
MIC2253 MICREL-MIC2253 Datasheet
502Kb / 13P
3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
3.5A Minimum, 1MHz Boost High Brightness White LED Driver
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
New Jersey Semi-Conduct...
UES1301 NJSEMI-UES1301 Datasheet
81Kb / 1P
High Efficiency, 3.5A
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8228 TECHCODE-TD8228 Datasheet
822Kb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
1MHz Asynchronous Boost Regulator
logo
ACE Technology Co., LTD...
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com