Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTF1404 Datasheet (PDF) - Unisonic Technologies

Part # UTF1404
Description  160A, 40V N-CHANNEL POWER MOSFET
File Size   188.31 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTF1404 Datasheet (PDF) - Unisonic Technologies



Similar Part No. - UTF1404

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
UTF1 LSTD-UTF1 Datasheet
506Kb / 2P
High heat pump density
More results


Similar Description - UTF1404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160NF02L STMICROELECTRONICS-STB160NF02L Datasheet
289Kb / 7P
N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET™ POWER MOSFET
Feb-2001
STB160NF03L STMICROELECTRONICS-STB160NF03L Datasheet
431Kb / 9P
N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET™ POWER MOSFET
February 2001
logo
Nihon Inter Electronics...
PQ160QH04N NIEC-PQ160QH04N Datasheet
56Kb / 2P
SBD MODULE 160A/40V
logo
STMicroelectronics
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
450Kb / 15P
N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET
07-Feb-2007
logo
Unisonic Technologies
UTT120N04 UTC-UTT120N04 Datasheet
133Kb / 3P
120A, 40V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
2806A KIA-2806A Datasheet
545Kb / 24P
160A竊?0V N-CHANNEL MOSFET
KNX2708A KIA-KNX2708A Datasheet
466Kb / 8P
160A竊?0V N-CHANNEL MOSFET
KNX2710A KIA-KNX2710A Datasheet
586Kb / 8P
160A竊?00V N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
S-LN7404DT3WG FS-S-LN7404DT3WG Datasheet
556Kb / 6P
40V N Channel Power MOSFET
2017. 05. 10 Revision No : 0
logo
Renesas Technology Corp
RBA160N04AHPF-4UA01 RENESAS-RBA160N04AHPF-4UA01 Datasheet
423Kb / 8P
40V – 160A – N-channel Power MOS FET
Jul. 8, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com