Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU4793 Datasheet (PDF) - Unisonic Technologies

Part # UU4793
Description  OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
File Size   191.76 Kbytes
Html View  1   2   3   4   5 
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4793 Datasheet (PDF) - Unisonic Technologies



Similar Part No. - UU4793

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU4793 UTC-UU4793 Datasheet
148Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD
UU4793G-S08-R UTC-UU4793G-S08-R Datasheet
191Kb / 5P
LINEAR INTEGRATED CIRCUIT
UU4793G-S08-R UTC-UU4793G-S08-R Datasheet
191Kb / 5P
OVERLOAD MONITORING
UU4793G-S08-R UTC-UU4793G-S08-R Datasheet
148Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD
UU4793G-S08-T UTC-UU4793G-S08-T Datasheet
191Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Similar Description - UU4793

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4791B TEMIC-U4791B Datasheet
80Kb / 5P
Automotive Lamp Outage Monitor, VT = 53 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
List of Unclassifed Man...
SB4011NCMC ETC2-SB4011NCMC Datasheet
144Kb / 6P
Electrical Capacity (Resistive Load)
logo
Unisonic Technologies
UU4793 UTC-UU4793_15 Datasheet
191Kb / 5P
OVERLOAD MONITORING
logo
Monolithic Power System...
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
logo
Unisonic Technologies
UU4793 UTC-UU4793_17 Datasheet
148Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD
logo
FOTEK CONTROLS CO., LTD...
ASR-F-40DA FOTEK-ASR-F-40DA Datasheet
1Mb / 3P
Rated current corresponding to Resistive load
logo
Maxim Integrated Produc...
MAXM15063 MAXIM-MAXM15063 Datasheet
1Mb / 10P
1.5W resistive load with 300mA sink capacity
Rev 0; 3/19
logo
IET Labs Inc.
HPRS-HIPOT-LOAD IET-HPRS-HIPOT-LOAD Datasheet
95Kb / 1P
High Power Resistive Load
Nov. 2013
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com