Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTC--6368L5 Datasheet (PDF) - Communications & Power Industries, Inc.

Part # VTC--6368L5
Description  2.25 kW Peak, 1.2 kW Avg C-Band Helix TWT Series
File Size   96.31 Kbytes
Html View  1 
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTC--6368L5 Datasheet (PDF) - Communications & Power Industries, Inc.



Similar Part No. - VTC--6368L5

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VTC-4486 ALLIED-VTC-4486 Datasheet
618Kb / 1P
Vertical Toroidal Chokes
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
VTC-6164H4 CPI-VTC-6164H4 Datasheet
88Kb / 1P
VTC-6161H4, 75 W, C-Band Helix TWT
VTC-6260E4 CPI-VTC-6260E4 Datasheet
105Kb / 1P
Helix TWT
VTC-6262F1 CPI-VTC-6262F1 Datasheet
85Kb / 1P
200 W, C-Band Helix TWT Series
More results


Similar Description - VTC--6368L5

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
TL22XI CPI-TL22XI Datasheet
170Kb / 2P
2.25 and 2.50 kW SuperLinear TWT Amplifiers
VTC-6265E1 CPI-VTC-6265E1 Datasheet
98Kb / 1P
W C-Band Helix TWT Series
VTC-6361D3A CPI-VTC-6361D3A Datasheet
94Kb / 1P
750W, C-Band Helix TWT Series
VTC-6369D4 CPI-VTC-6369D4 Datasheet
96Kb / 1P
2.25 kW, C-Band Helix TWT Series
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
CPI 2.25/2.50 kW TWT X-Band HPA
TL22CI CPI-TL22CI Datasheet
158Kb / 2P
CPI 2.25 kW SuperLineartm TWT Amplifier
VTC-6369C2 CPI-VTC-6369C2 Datasheet
96Kb / 1P
2.25 kW, C-Band Helix TWT Series
VTC-6369C6 CPI-VTC-6369C6 Datasheet
95Kb / 1P
2.0 to 2.25 kW, C-Band Helix TWT
VTC-6369D3 CPI-VTC-6369D3 Datasheet
98Kb / 1P
2.25 kW, C-Band Helix TWT Series
VTU-5191A8 CPI-VTU-5191A8 Datasheet
86Kb / 1P
1 kW, Pulsed Helix TWT Series
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com