Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35.128 Datasheet (PDF) - Schurter Inc.

Part # 35.128
Description  LED-Holder SRL (for T1 LED)
File Size   131.89 Kbytes
Html View  1   2 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

35.128 Datasheet (PDF) - Schurter Inc.



Similar Part No. - 35.128

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
35.0609 SCHURTER-35.0609 Datasheet
144Kb / 5P
LFM (with T1 LED)
35.0609-ND SCHURTER-35.0609-ND Datasheet
144Kb / 5P
LFM (with T1 LED)
35.0664 SCHURTER-35.0664 Datasheet
144Kb / 5P
LFM (with T1 LED)
35.0664-ND SCHURTER-35.0664-ND Datasheet
144Kb / 5P
LFM (with T1 LED)
35.0665 SCHURTER-35.0665 Datasheet
144Kb / 5P
LFM (with T1 LED)
More results


Similar Description - 35.128

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL01-CDR12 P-TEC-PL01-CDR12 Datasheet
29Kb / 1P
3mm (T1) LED
PL01-CDR24 P-TEC-PL01-CDR24 Datasheet
29Kb / 1P
3mm (T1) LED
logo
Schurter Inc.
0035.9675.4 SCHURTER-0035.9675.4 Datasheet
118Kb / 3P
LED-Holder ASL (for T 1 LED)
logo
Molex Electronics Ltd.
1804160104 MOLEX10-1804160104 Datasheet
51Kb / 1P
LED Array Holder for Citizen CLL040
logo
List of Unclassifed Man...
H-280C ETC2-H-280C Datasheet
119Kb / 1P
BI-LEVEL T1 (3mm) TRI LEAD LED HOLDER
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
SparkFun Electronics
COM-11841 SPARKFUN-COM-11841 Datasheet
200Kb / 1P
LED Holder - 10mm
5??5??7
logo
Schurter Inc.
AST SCHURTER-AST_V02 Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Bivar, Inc.
909-235BK BIVAR-909-235BK Datasheet
163Kb / 1P
SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
909-235NT BIVAR-909-235NT Datasheet
163Kb / 1P
SINGLE T1 3/4(5mm) LED HOLDER
04/24/03
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com