Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS16H Datasheet (PDF) - Frontier Electronics.

Part # SS16H
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
File Size   127.35 Kbytes
Html View  1   2 
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS16H Datasheet (PDF) - Frontier Electronics.



Similar Part No. - SS16H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS16H ZOWIE-SS16H Datasheet
82Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
SS16HE ONSEMI-SS16HE Datasheet
189Kb / 6P
Surface Mount Schottky Barrier Rectifiers
January, 2021 ??Rev. 3
SS16HE ONSEMI-SS16HE Datasheet
179Kb / 6P
Surface Mount Schottky Barrier Rectifiers 1 A, 30 V - 60 V
August, 2023 - Rev. 5
logo
Comchip Technology
SS16HE-HF COMCHIP-SS16HE-HF Datasheet
479Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
logo
Vishay Siliconix
SS16HE361T VISHAY-SS16HE361T Datasheet
89Kb / 4P
Surface Mount Schottky Barrier Rectifier
17-Dec-12
More results


Similar Description - SS16H

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com