Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGD8201NT4G Datasheet (PDF) - ON Semiconductor

Part # NGD8201NT4G
Description  Ignition IGBT 20 A, 400 V, N.Channel DPAK
File Size   125.66 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8201NT4G Datasheet (PDF) - ON Semiconductor



Similar Part No. - NGD8201NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201NT4G ONSEMI-NGD8201NT4G Datasheet
147Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
More results


Similar Description - NGD8201NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGP8203N ONSEMI-NGP8203N Datasheet
144Kb / 7P
Ignition IGBT 20 A, 400 V, N?묬hannel TO??20
August, 2006 ??Rev. 1
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGD15N41CL ONSEMI-NGD15N41CL_11 Datasheet
147Kb / 11P
Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
NGD8205N ONSEMI-NGD8205N_12 Datasheet
117Kb / 7P
Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9
logo
Littelfuse
LGB8204ATH LITTELFUSE-LGB8204ATH Datasheet
472Kb / 10P
400 V, 18 A N-Channel Ignition IGBT
3/16/2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com