Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGP15N41CLG Datasheet (PDF) - ON Semiconductor

Part # NGP15N41CLG
Description  Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
File Size   147.81 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGP15N41CLG Datasheet (PDF) - ON Semiconductor



Similar Part No. - NGP15N41CLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGP15N41CLG ONSEMI-NGP15N41CLG Datasheet
167Kb / 11P
Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
More results


Similar Description - NGP15N41CLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
MGP15N40CL ONSEMI-MGP15N40CL_05 Datasheet
91Kb / 10P
Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGD18N40CLB ONSEMI-NGD18N40CLB_12 Datasheet
128Kb / 8P
Ignition IGBT, 18 A, 400 V N.Channel DPAK
December, 2011 ??Rev. 8
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com