Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XA6121 Datasheet (PDF) - Torex Semiconductor

Part # XA6121
Description  ?╉궔?껁긽?됥긿??ON/OFF 艅잒꺗餓섅걤?삣쑇濾쒎눣?⑨펷VDF=1.6V節?.0V
File Size   378.95 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XA6121 Datasheet (PDF) - Torex Semiconductor



Similar Part No. - XA6121

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XA6105 TOREX-XA6105 Datasheet
287Kb / 22P
?삣쑇濾쒎눣?
More results


Similar Description - XA6121

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
Standard Voltage Detectors (VDF=1.6V節?.0V)
XC2406A816UR-G TOREX-XC2406A816UR-G Datasheet
429Kb / 18P
1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
481Kb / 18P
1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
455Kb / 18P
1.6GHz ON/OFF 艅잒꺗餓섅걤 LNA
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6420 TOREX-XC6420 Datasheet
789Kb / 26P
150mA 弱뤷엹遙섌?Dual LDO ?с궙?γ꺃?쇈궭, ON/OFF ?밤궎?껁긽餓섅걤
XC6421 TOREX-XC6421 Datasheet
731Kb / 25P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6423 TOREX-XC6423 Datasheet
649Kb / 24P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 擁끻컦??00mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
XA6105 TOREX-XA6105 Datasheet
287Kb / 22P
?삣쑇濾쒎눣?
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com