Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRL16A-12W Datasheet (PDF) - MicroPower Direct, LLC

Part # SRL16A-12W
Description  Miniature Surface Mount 16A Output, Switching POL Regulators
File Size   786.99 Kbytes
Html View  1   2   3   4 
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SRL16A-12W Datasheet (PDF) - MicroPower Direct, LLC



Similar Part No. - SRL16A-12W

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRL1630 MIC-SRL1630 Datasheet
59Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL1635 MIC-SRL1635 Datasheet
59Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL1640 MIC-SRL1640 Datasheet
59Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL1645 MIC-SRL1645 Datasheet
59Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL1650 MIC-SRL1650 Datasheet
59Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SRL16A-12W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SR7805 MPD-SR7805 Datasheet
234Kb / 2P
Low Cost, Non-isolated Ultra-Miniature SIP POL Switching Regulators
SR7810 MPD-SR7810 Datasheet
285Kb / 2P
Low Cost, 1A Output Non-isolated POL Switching Regulators
LSR7805 MPD-LSR7805 Datasheet
389Kb / 2P
Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
SR7815 MPD-SR7815 Datasheet
357Kb / 2P
Low Cost, 1.5A Output Non-isolated POL Switching Regulators
SRL05A MPD-SRL05A Datasheet
564Kb / 4P
Miniature Surface Mount 5A Output, Switching POL Regulators
SRL10A-12 MPD-SRL10A-12 Datasheet
634Kb / 4P
Miniature Surface Mount 10A Output, Switching POL Regulators
SRM7810 MPD-SRM7810 Datasheet
295Kb / 2P
Miniature, 1A Output Non-isolated POL Switching Regulators
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
Miniature, Non-isolated 5A Output, Switching POL Regulators
SRS10A-12 MPD-SRS10A-12 Datasheet
593Kb / 4P
Miniature, Non-isolated 10A Output, Switching POL Regulators
MSR7805W MPD-MSR7805W Datasheet
1Mb / 4P
Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com