Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2217K Datasheet (PDF) - RF Monolithics, Inc

Part # SF2217K
Description  1591.5 MHz SAW Filter
File Size   475.91 Kbytes
Html View  1   2   3   4   5 
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2217K Datasheet (PDF) - RF Monolithics, Inc



Similar Part No. - SF2217K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
Designed for RF Front-end Applications
More results


Similar Description - SF2217K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1175A TAI-SAW-TA1175A Datasheet
150Kb / 7P
SAW Filter 1591.5 MHz SMD 1.4횞1.1 mm (BW=35 MHz)
logo
Abracon Corporation
AFS14A35-1591.5-T3 ABRACON-AFS14A35-1591.5-T3 Datasheet
1Mb / 4P
Surface Mount 1591.5 MHz SAW Filter
01.22.13
AFS14A35-1591.5-T2 ABRACON-AFS14A35-1591.5-T2 Datasheet
2Mb / 4P
Surface Mount 1591.5 MHz SAW Filter
06.21.12
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com