| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
90-0021
|
29Kb / 1P |
PACKAGE LAND PATTERN, (T2444-3 / T24443)
Rev B |
|
90-0032
|
34Kb / 1P |
PACKAGE LAND PATTERN, (T1633-5 / T16335)
Rev B |
|
90-0037
|
28Kb / 1P |
PACKAGE LAND PATTERN, 20L TQFN, 4*4MM
Rev E |
|
90-0121
|
28Kb / 1P |
PACKAGE LAND PATTERN, (T1655-4 / T16554)
Rev B |
|
90-0150
|
24Kb / 1P |
PACKAGE LAND PATTERN, (S8E-12 / S8E12)
Rev A |
|
90-0171
|
28Kb / 1P |
PACKAGE LAND PATTERN, (U28) 4.4MM TSSOP
Rev B |
|
90-0174
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U5) 5L SOT23
Rev B |
|
90-0175
|
24Kb / 1P |
PACKAGE LAND PATTERN, (U6) 6L SOT
Rev E |
|
90-0179
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U3) SOT23, 3 LEADS
Rev C |
|
90-0360
|
63Kb / 1P |
PACKAGE LAND PATTERN, (G2044Y1)
Rev A |