Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0404033 Datasheet (PDF) - PHOENIX CONTACT

Part # 0404033
Description  Power terminal block, Connection method Screw connection, Load current : 76 A, Cross section: 1.5 mm짼 - 16 mm짼, Width: 9.8 mm,
File Size   113.05 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0404033 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 0404033

ManufacturerPart #DatasheetDescription
logo
V-COIL THREAD SYSTEM
04040 V-COIL-04040 Datasheet
1Mb / 1P
Thread-Repair-Kits
logo
PHOENIX CONTACT
0404017 PHOENIX-0404017 Datasheet
117Kb / 7P
Power terminal block, Connection method Screw connection, Load current : 41 A, Cross section: 0.5 mm짼 - 6 mm짼, Width: 7 mm,
0404046 PHOENIX-0404046 Datasheet
108Kb / 7P
Power terminal block, Connection method Screw connection, Load current
More results


Similar Description - 0404033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0401023 PHOENIX-0401023 Datasheet
63Kb / 4P
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm짼 - 35 mm짼, Width: 12 mm,
0404017 PHOENIX-0404017 Datasheet
117Kb / 7P
Power terminal block, Connection method Screw connection, Load current : 41 A, Cross section: 0.5 mm짼 - 6 mm짼, Width: 7 mm,
0421045 PHOENIX-0421045 Datasheet
123Kb / 6P
Power terminal block, Connection method: Screw connection, Cross section
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
0501059 PHOENIX-0501059 Datasheet
72Kb / 5P
Feed-through terminal block, connection method: screw connection, cross section
0441041 PHOENIX-0441041 Datasheet
84Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com