Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE5501-2 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE5501-2
Description  OPEN CIRCUIT: FEMALE:PE5501-KIT COMPONENT
File Size   165.21 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5501-2 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE5501-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5501-2 PASTERNACK-PE5501-2 Datasheet
138Kb / 1P
Type N, 18 GHz VNA Calibration Kit
More results


Similar Description - PE5501-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5501-1 PASTERNACK-PE5501-1 Datasheet
145Kb / 1P
OPEN CIRCUIT:MALE:PE5501-KIT
PE5501-3 PASTERNACK-PE5501-3 Datasheet
148Kb / 1P
Short Clrcult; male; PE5501-KIT component
PE5501-4 PASTERNACK-PE5501-4 Datasheet
147Kb / 1P
SHORT CIRCUIT: FEMALE:PE5501-KIT COMPONENT
PE5501-5 PASTERNACK-PE5501-5 Datasheet
147Kb / 1P
Broadband Load: Male:PE5501-KIT component
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2001 PASTERNACK-PE5SC2001 Datasheet
417Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC2003 PASTERNACK-PE5SC2003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC2004 PASTERNACK-PE5SC2004 Datasheet
418Kb / 4P
75 Ohm F Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC2005 PASTERNACK-PE5SC2005 Datasheet
419Kb / 4P
75 Ohm F Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com