Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE35606-48 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE35606-48
Description  2.92mm Male to 2.4mm Male Precision Cable
File Size   223.87 Kbytes
Html View  1   2   3 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35606-48 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE35606-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35606-12 PASTERNACK-PE35606-12 Datasheet
236Kb / 3P
2.92mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35606-12 PASTERNACK-PE35606-12 Datasheet
230Kb / 3P
2.92mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35606-18 PASTERNACK-PE35606-18 Datasheet
230Kb / 3P
2.92mm Male to 2.4mm Male Precision Cable 18 Inch Length Using 095 Series Coax, RoHS
PE35606-24 PASTERNACK-PE35606-24 Datasheet
230Kb / 1P
SMA FEMALE, 4 HOLE PANEL MOUNT SOLDER CUP CONTACT
PE35606-30 PASTERNACK-PE35606-30 Datasheet
230Kb / 3P
2.92mm Male to 2.4mm Male Precision Cable 30 Inch Length Using 095 Series Coax, RoHS
More results


Similar Description - PE35606-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35606-60 PASTERNACK-PE35606-60 Datasheet
223Kb / 3P
2.92mm Male to 2.4mm Male Precision Cable 60
PE9454 PASTERNACK-PE9454 Datasheet
249Kb / 3P
Precision 2.92mm Female to 2.4mm Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.4mm Male Adapter
PE35662LF PASTERNACK-PE35662LF Datasheet
106Kb / 1P
CABLE ASSEMBLY PE-SR405AL 2.4mm MALE TO 2.92mm MALE
PE91298 PASTERNACK-PE91298 Datasheet
330Kb / 3P
2.92mm Male to 2.4mm Male Adapter
PE35606 PASTERNACK-PE35606 Datasheet
230Kb / 3P
2.92mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS
PE35664 PASTERNACK-PE35664 Datasheet
109Kb / 1P
CABLE ASSEMBLY, PE-SR405FL, 2.4mm MALE TO 2.92mm MALE
PE35591 PASTERNACK-PE35591 Datasheet
235Kb / 4P
2.92mm Male to 2.92mm Male Precision
PE35660 PASTERNACK-PE35660 Datasheet
269Kb / 1P
CABLE ASSEMBLY, RG405/U, 2.4mm MALE TO 2.92mm MALE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com