Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2202-6 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE2202-6
Description  SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 2-4GHz
File Size   109.37 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2202-6 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE2202-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2202-10 PASTERNACK-PE2202-10 Datasheet
264Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RNAGE:2-4 GHz
PE2202-20 PASTERNACK-PE2202-20 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 2-4 GHz
PE2202-30 PASTERNACK-PE2202-30 Datasheet
565Kb / 6P
Directional 30 dB SMA Coupler From 2 GHz to 4 GHz Rated to 50 Watts
More results


Similar Description - PE2202-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2204-6 PASTERNACK-PE2204-6 Datasheet
117Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 4~8GHz
PE2201-10 PASTERNACK-PE2201-10 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2201-20 PASTERNACK-PE2201-20 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2201-30 PASTERNACK-PE2201-30 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE:1-2 GHz
PE2202-20 PASTERNACK-PE2202-20 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 2-4 GHz
PE2203-30 PASTERNACK-PE2203-30 Datasheet
265Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE:2.6-5.2
PE2204-10 PASTERNACK-PE2204-10 Datasheet
117Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 4-8GHz
PE2204-30 PASTERNACK-PE2204-30 Datasheet
263Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER FREQUENCY RANGE: 4-8 GHz
PE2207-10 PASTERNACK-PE2207-10 Datasheet
144Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 12.4-18GHz
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com