Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1520 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE1520
Description  Low Noise Amplifier 2 ??4 GHz
File Size   390.03 Kbytes
Html View  1   2 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1520 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE1520

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
PE1520 DOINGTER-PE1520 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - PE1520

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
TLA-18-2003 TELEDYNE-TLA-18-2003 Datasheet
893Kb / 2P
Low Noise Amplifier 2 GHz - 18 GHz
TMA-4-0503 TELEDYNE-TMA-4-0503 Datasheet
892Kb / 2P
Low Noise Amplifier 0.5 GHz - 4 GHz
TMA-4-0504 TELEDYNE-TMA-4-0504 Datasheet
892Kb / 2P
Low Noise Amplifier 0.5 GHz - 4 GHz
TMT-4-2002 TELEDYNE-TMT-4-2002 Datasheet
892Kb / 2P
Temperature Compensated Low Noise Amplifier 2 GHz - 4 GHz
logo
TriQuint Semiconductor
TGA8344-SCC TRIQUINT-TGA8344-SCC Datasheet
499Kb / 11P
2 - 18 GHz Low Noise Amplifier
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
2??2 GHz GaN Low Noise Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com