Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51013 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE51013
Description  Low Profile Antenna, 806 - 896 MHz / 1710 . 1990 MHz, 3 dB
File Size   41.44 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51013 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE51013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51010 PASTERNACK-PE51010 Datasheet
120Kb / 1P
Mobile Antenna, 870 - 950 MHz, 5 dB
PE51011 PASTERNACK-PE51011 Datasheet
57Kb / 1P
Yagi Antenna, 896 - 970 MHz, 9dB
PE51012 PASTERNACK-PE51012 Datasheet
55Kb / 1P
Yagi Antenna, 896 - 970 MHz, 11dB
PE51014 PASTERNACK-PE51014 Datasheet
46Kb / 1P
Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
PE51016-1 PASTERNACK-PE51016-1 Datasheet
122Kb / 1P
GPS ANTENNA, MAGNETIC MOUNT, TO SMA MALE, RG174 COAXIAL CABLE
More results


Similar Description - PE51013

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
D18P MINI-D18P Datasheet
244Kb / 1P
Directional Coupler 50廓 1710 to 1990 MHz
logo
Pasternack Enterprises,...
PE51096 PASTERNACK-PE51096 Datasheet
77Kb / 1P
Dual Band ICM Dome Antenna 806-960 & 1710-2500 MHz, 3dBi
PE51008 PASTERNACK-PE51008 Datasheet
46Kb / 1P
Mobile Antenna, 806 - 896 MHz, 3 dB
PE51009 PASTERNACK-PE51009 Datasheet
46Kb / 1P
Mobile Antenna, 825 - 896 MHz, 5 dB
PE51014 PASTERNACK-PE51014 Datasheet
46Kb / 1P
Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
logo
TE Connectivity Ltd
1513273-1 TEC-1513273-1 Datasheet
1Mb / 2P
824 ??960 & 1710 ??1990 MHz Quad Band Antenna (US Dual and EU Dual Band)
logo
TAI-SAW TECHNOLOGY CO.,...
TL0016A TAI-SAW-TL0016A Datasheet
266Kb / 5P
Tx Low Pass Filter 1710~1990 MHz SMD 1.6X0.8 mm
logo
Pulse A Technitrol Comp...
LP800SMA PULSE-LP800SMA Datasheet
476Kb / 2P
LOW PROFILE 806-960 MHz
LP800WSMAF PULSE-LP800WSMAF Datasheet
498Kb / 2P
LOW PROFILE 806-960 MHz
logo
KATHREIN Solutions GmbH
K637061 KATHREIN-K637061 Datasheet
440Kb / 1P
3-dB Coupler (90° Hybrid) 806 – 960 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com