Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51027 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE51027
Description  MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
File Size   215.26 Kbytes
Html View  1   2 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51027 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE51027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51020 PASTERNACK-PE51020 Datasheet
72Kb / 1P
NMO MOUNT, FOR ANTENNAS OVER 1GHz, SMA CONNECTOR, DC-5800MHZ
PE51021 PASTERNACK-PE51021 Datasheet
114Kb / 1P
NMO Mount, no cable or connector Frequency: DC-1000MHz
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-10 PASTERNACK-PE51022-10 Datasheet
232Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO MINI UHF MALE, RG58
PE51022-11 PASTERNACK-PE51022-11 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO MINI UHF FEMALE, RG58
More results


Similar Description - PE51027

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
902-928 MHz Dipole Antenna
MAANAT0123 MACOM-MAANAT0123 Datasheet
441Kb / 2P
Slimline RFID Antenna - North America Dual Circular Polarized, 902-928 MHz
MAANAT0144 MACOM-MAANAT0144 Datasheet
380Kb / 2P
Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
MAFRIN0332 MACOM-MAFRIN0332 Datasheet
250Kb / 3P
Surface Mount Robust Lead Circulator 902 MHz-928 MHz
MAFRIN0461 MACOM-MAFRIN0461 Datasheet
135Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
M/A-COM Technology Solu...
MAFRIN0497 MA-COM-MAFRIN0497 Datasheet
132Kb / 3P
Single Junction Gull Wing Circulator 902 MHz-928 MHz
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
TE Connectivity Ltd
2108793-1 TEC-2108793-1 Datasheet
1Mb / 5P
902-928 & 2400-2483.5 Dual Band Cabled ANTENNA
2118898-1 TEC-2118898-1 Datasheet
580Kb / 5P
902-928 & 2400-2483.5 Dual Band Cabled ANTENNA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com