Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51034 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE51034
Description  Vertical Omni Antenna 3500 MHz, 11 dBi
File Size   117.39 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51034 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE51034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
More results


Similar Description - PE51034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51037 PASTERNACK-PE51037 Datasheet
77Kb / 1P
Vertical Omni Antenna 5500 MHz, 12.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51045 PASTERNACK-PE51045 Datasheet
81Kb / 1P
Vertical Omni Antenna 5800 MHz, 21 dBi
PE51065 PASTERNACK-PE51065 Datasheet
59Kb / 1P
Mini Vertical Antenna 3500 MHz, 3 dBi
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com