Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51049 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE51049
Description  WiMax Panel Antenna 2400-2500 MHz, 19 dBi
File Size   92.68 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51049 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE51049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51043 PASTERNACK-PE51043 Datasheet
72Kb / 1P
WIFI Panel Antenna 2600 MHz, 14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
More results


Similar Description - PE51049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
TE Connectivity Ltd
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com