Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7003-3 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE7003-3
Description  TNC ATTENUATOR, DC TO 2,000 MHz 3dB
File Size   85.79 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7003-3 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE7003-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7003-3 PASTERNACK-PE7003-3 Datasheet
226Kb / 3P
3 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7003-30 PASTERNACK-PE7003-30 Datasheet
215Kb / 3P
30 dB Fixed Attenuator, TNC Male To TNC Female Brass Nickel Body Rated To 1 Watt Up To 2 GHz
PE7003-30 PASTERNACK-PE7003-30 Datasheet
271Kb / 4P
30 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7003-30 PASTERNACK-PE7003-30_16 Datasheet
271Kb / 4P
30 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7003-3 PASTERNACK-PE7003-3_16 Datasheet
226Kb / 3P
3 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
More results


Similar Description - PE7003-3

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-03R0 CRYSTEKMICROWAVE-CATTEN-03R0 Datasheet
319Kb / 2P
3dB Attenuator SMA 50 Ohm DC to 3GHz
logo
Mini-Circuits
DAT-31-PN MINI-DAT-31-PN Datasheet
460Kb / 12P
Digital Step Attenuator DC-2400 MHz
logo
CRYSTEK CORPORATION
CATTEN-03R0 CRYSTEKMICROWAVE-CATTEN-03R0_08 Datasheet
328Kb / 2P
3dB Attenuator SMA 50 Ohm DC to 3GHz
logo
Pasternack Enterprises,...
PE7003-6 PASTERNACK-PE7003-6 Datasheet
88Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE; DC TO 2,000MHz
PE7063-10 PASTERNACK-PE7063-10 Datasheet
246Kb / 3P
10 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7063-20 PASTERNACK-PE7063-20 Datasheet
246Kb / 3P
20 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
PE7030-30 PASTERNACK-PE7030-30 Datasheet
216Kb / 3P
30 dB Fixed Attenuator, TNC Male To TNC Female Passivated 30 dB Fixed Attenuator, TNC Male To TNC Female Passivated
PE7003-2 PASTERNACK-PE7003-2 Datasheet
87Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE: DC TO 2,000 MHz
PE7063-6 PASTERNACK-PE7063-6 Datasheet
247Kb / 3P
6 dB DC Bias Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts From 500 MHz To 2 GHz
logo
Teledyne Technologies I...
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com