Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8Q14C Datasheet (PDF) - Seoul Semiconductor

Part # STW8Q14C
Description  Lead Frame type LED PKG size: 5.6*3.0 thickness 0.75mm
File Size   3237.41 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8Q14C Datasheet (PDF) - Seoul Semiconductor



Similar Part No. - STW8Q14C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8Q14BE SEOUL-STW8Q14BE Datasheet
3Mb / 26P
Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
The Best Efficacy in Mid Power LEDs
STW8Q14D-E3 SEOUL-STW8Q14D-E3 Datasheet
1Mb / 31P
Enabling the Best lm/W in Mid Power Range
STW8Q14D-E4 SEOUL-STW8Q14D-E4 Datasheet
953Kb / 26P
Enabling the Best lm/W in Mid Power Range
STW8Q14YE SEOUL-STW8Q14YE Datasheet
1Mb / 33P
Enabling the best lm-W in Mid Power Range
More results


Similar Description - STW8Q14C

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX-101F KSS-CX-101F Datasheet
156Kb / 1P
Ultra-thin, thickness 0.75mm. (3.2횞2.5횞0.75mm)
logo
OptoSupply Internationa...
OSXX5630C1A-60MA OPTOSUPPLY-OSXX5630C1A-60MA Datasheet
491Kb / 9P
5.6 x 3.0 x 0.9mm SMD
OSXX5630C1A-150MA OPTOSUPPLY-OSXX5630C1A-150MA Datasheet
496Kb / 9P
5.6 x 3.0 x 0.9mm SMD
logo
Seoul Semiconductor
SSC-STW0Q2PA SEOUL-SSC-STW0Q2PA Datasheet
3Mb / 24P
Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
STW8Q2PA SEOUL-STW8Q2PA_12 Datasheet
3Mb / 26P
Leda Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
STW8Q14BE SEOUL-STW8Q14BE Datasheet
3Mb / 26P
Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
STW9Q14B SEOUL-STW9Q14B Datasheet
3Mb / 25P
Lead Frame type LED PKG size:5.6*3.0 thickness 0.9mm
STW9Q14C SEOUL-STW9Q14C Datasheet
554Kb / 24P
Lead Frame type LEd PKG size:5.6*3.0 thickness 0.75mm
logo
List of Unclassifed Man...
SPMWHT520AN2BAA0S0 ETC2-SPMWHT520AN2BAA0S0 Datasheet
1Mb / 18P
Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
logo
Seoul Semiconductor
STW0Q2PA SEOUL-STW0Q2PA Datasheet
3Mb / 24P
Lead Frame type LED PKG
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com